Part Number Hot Search : 
RB206S CM860 DC24V SL5162 HC237 IRF7207 RB206S MAC905
Product Description
Full Text Search
 

To Download SFU450B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. scope this specification is applied to the ceramics filter used for am receiver . am ?? 2 . model name ?? 3. dimensions ? part name customer?s part number drawing no. ?? ??? ?? SFU450B gg-076 a unit : mm f c f b d g h a 7.0 0.3 b 9.0 0.3 c 5.0 1.0 d 0.9 0.1 f 2.5 0.2 g 0.15 0.03 h 3.6 0.3 (1) (2) (3) (1). input (2). ground (3). output sfu 450b e e 0.7 0.1 SFU450B ceramics filter
5. electrical characteristics ? note: 1. center frequency shall be define as the center value of the band at 3 db. 2. temperature coefficient of center frequency is based on the center frequency at 25 . item requirements ? ? 5-1 center frequency (fo) 457 2.0khz ?? 5-2 3 db bandwidth 10 3 khz 3db ? 5-3 slecetivity f0-9khz 6 db min ( ?) f0+9khz 4 db min 5-4 insertion loss 5.0 db max ? (at minimum loss point) 5-5 passband ripple 0 db ? 5-6 stop band attenuation 9 db min 5-7 withstanding voltage dc 50v ( ?? ) 5-8 temperature coefficient of center frequency 1.5khz max (-20~+80 ) 5-9 input/output impedance 3.0 k () SFU450B ceramics filter
4 test circuit ? parts shall be measured under a condition (temp.:3~35 . hum.:45~85%) unless any necessity to measure under a standard condition (temp.:20 + 2 . humi.:65 + 5%) is occurred. ?? 3-35? 45~85% ????? 20 + 2 ? 65 + 5% ? ? r1=r2=3.0k r g =r3=50 ( 1 ) ( 2 ) ( 3 ) ( 1 ) . in p ut ( 2 ) . ground ( 3 ) . out p ut r1 r g r2 rf volt meter s. s. g r3 SFU450B ceramics filter
6. physical and environmental characteristics ?? test item condition of test requirements ? ? 6-1 lead strength applied to vertical weight 1kg along with ?? the direction of lead without any shock no mechanical lead pulling for 5-10sec. damage and the ? 10 ??? 5-10 . measured val u es lead bending filter lead shall be subjected to withstand shall meet item against 90 bending its stem.this opration 5. shall be done toward both diretion. ( ?? 90 ?? ? 5 ? . 6-2 solderability dip the terminals of the filter no closer the solder s hall ?? than 1.5mm into a soldering bath(230+ 5) be for coat at for 5+ 1 sec . least 95% of the (refer to mil-std-202e-208c) terminal surface 1.5mm ??(230+ 5) 5+ 1 ?? 95% ) 6-3 vibration filter shall be measured after being ( ) applied vibration as below ??? no visible damage vibration freq: 10-55hz and the measured (? ) value shall meet amplitude : 1.5 mm table 1 ? ( ???? directions : 3 axial directions ? 3 time : 1 hour/each direction ?? 1 ?/ 6-4 random drop filter shall be measured after 3 times ? random dropping from the height of m. concrete floor. 3 ?????? 6-5 resistance to filter immersing the terminals up to 1.5 the measured soldering heat mm to filter?s body in soldering bath value shall meet ?? (350 + 10 ) for 3 sec., filter shall be table 1. measure after being placed in natural ( ? 1) condition for 1 hour. (350+ 10)?? 1.5mm ? 3 ?? 1 ?? SFU450B ceramics filter
6. physical and environmental characteristics ? ?? after test item condition of test requirements ? ? 6-7 humidity after being placed in a chamber (humi, ?? :90-95% rh temp.:40 + 2 ) for 100 hours filter shall be measured after placed in natural condition for 1 hour ( ? 90-95% ? 40 + 2 100 ? ? 1 ?? 6-8 life test after being placed in a chamber 85+ 2 high for 100 hours ,filter shall be temperature) measured after being placed in natural condition for 1 hour. ? 85+ 2 100 ?? 1 ?? 6-9 life test placed in a chamber (temp:-55+ 2 ) for the measured (low 100 hours,filter shall be measured placed value shall meet temperature) in natural condition for 1 hour . table 1. ( ?-552 100 ?? 1 ?? 1 ?? after temperature cycling of -55 (30 6 6-10 thermal shock minutes ) to +85 ( 30 minutes ) was ( ?? ) performed 5 times with a transfer time15 min filter shall be measured after being placed in natural condition for 1 hour. ?-5530 ?+8530 ?? 5 151, ? 1 ?? SFU450B ceramics filter
6. physical and environmental characteristics ? ?? item limit value ? ? center frequency + 1.0 kh z max ?? 3 db bandwidth + 1.0 khz max 3db ? insertion loss + 5.0 db max ? note: the limits in the above table are referenced to the initial measurements. ???? 7. notice ?? 7.1 ceremic filter should be stored in storeroom .and the surrouding atmosphere is acidless,alkali-free and no other harmful impurity. ( ????? .) 7.2 the package for ceramic filter should be avoid the hit by rain and snow,also the mechanical damage. ( ??????? ) 7.3 this specification limits the quality of the component as a single unit .please make sure that the component is evaluated and confirmed the drawing when it is mounted to your product. ?????????? . table 1 ( 1) SFU450B ceramics filter


▲Up To Search▲   

 
Price & Availability of SFU450B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X